Part Number Hot Search : 
K100M UF804 DSPIC33F MA4ST240 K2475 5962F9 1N5256 MICONDUC
Product Description
Full Text Search
 

To Download 2R5TPF680ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors r.cap. code r. voltage code lot. no. polarity marking(+) l w s w1 h s surface mount type series : tpf super low esr (5 m max.) large capacitance (1000 f max.) rohs compliance, halogen free size code d2e d3l d4 category temperature range C55 c to +105 c rated voltage range 2.0 v.dc 2.5 v.dc to 10 v.dc 2.5 v.dc to 6.3 v.dc category voltage range 2.0 v.dc 2.5 v.dc to 10 v.dc 2.5 v.dc to 6.3 v.dc rated capacitance range 220 f to 330 f 150 f to 680 f 470 f to 1000 f capacitance tolerance 20 % (120 hz / + 20 c) leakage current please see the attached characteristics list dissipation factor (tan d ) please see the attached characteristics list surge voltage (v.dc) rated voltage 1.15 endurance +105 c, 2000 h rated voltage applied capacitance change within 20 % of the initial value tan d < 1.5 times of the initial limit dc leakage current within the initial limit damp heat (steady state) +60 c, 90 % to 95 %, 500 h, no-applied voltage capacitance change within +50 %, ?20 % of the initial value (2tpf220m6, 2tpf330m6, etpf1000m6h (5h)) within +40 %, ?20 % of the initial value (except for above model) tan d < 1.5 times of the initial limit dc leakage current < 3 times of the initial limit size code l0.3 w0.2 h0.2 ? 1 s0.2 w10.1 d2e 7.3 4.3 1.8 1.3 2.4 d3l 7.3 4.3 2.8 1.3 2.4 d4 7.3 4.3 3.8 1.3 2.4 r. voltage (v.dc) 2.0 2.5 4.0 6.3 10.0 code deg j a unit : mm ? externals of ? gure are the reference. ? 1 0.1 :d2e features specifi cations marking dimensions (not to scale) nov. 2015 01
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors characteristics list series rated voltage (v.dc) rated temp. (c) category voltage (v.dc) category temp. (c) rated capacitance (f) case size (mm) size code specifications standard lwh ripple ? 1 current (mar.m.s.) esr ? 2 (m max.) tan d ? 3 lc ? 4 (a) part number min. packaging q'ty (pcs) tpf 2 105 2.0 105 220 7.3 4.3 1.8 d2e 4700 6 0.10 88.0 2tpf220m6 3000 105 2.0 105 330 7.3 4.3 1.8 4700 6 0.10 132.0 2tpf330m6 3000 2.5 105 2.5 105 330 7.3 4.3 2.8 d3l 4400 7 0.10 82.5 2r5tpf330m7l 2500 105 2.5 105 470 7.3 4.3 2.8 4400 6 0.10 117.5 2r5tpf470m6l 2500 105 2.5 105 7.3 4.3 2.8 4400 7 0.10 117.5 2r5tpf470m7l 2500 105 2.5 105 7.3 4.3 2.8 4400 10 0.10 117.5 2r5tpf470ml 2500 105 2.5 105 7.3 4.3 3.8 d4 6100 5 0.10 117.5 etpf470m5h 2000 105 2.5 105 680 7.3 4.3 2.8 d3l 4400 6 0.10 170.0 2r5tpf680m6l 2500 105 2.5 105 7.3 4.3 2.8 4400 7 0.10 170.0 2r5tpf680m7l 2500 105 2.5 105 7.3 4.3 2.8 4400 10 0.10 170.0 2R5TPF680ML 2500 105 2.5 105 7.3 4.3 3.8 d4 6100 5 0.10 170.0 etpf680m5h 2000 105 2.5 105 1000 7.3 4.3 3.8 6100 5 0.10 250.0 etpf1000m5h 2000 105 2.5 105 7.3 4.3 3.8 5600 6 0.10 250.0 etpf1000m6h 2000 4 105 4.0 105 330 7.3 4.3 2.8 d3l 4000 12 0.10 132.0 4tpf330ml 2500 105 4.0 105 470 7.3 4.3 2.8 4400 10 0.10 188.0 4tpf470ml 2500 105 4.0 105 680 7.3 4.3 3.8 d4 4400 10 0.10 272.0 4tpf680mah 2000 6.3 105 6.3 105 220 7.3 4.3 2.8 d3l 6100 5 0.10 138.6 6tpf220m5l 2500 105 6.3 105 7.3 4.3 2.8 4600 9 0.10 138.6 6tpf220m9l 2500 105 6.3 105 7.3 4.3 2.8 4000 12 0.10 138.6 6tpf220ml 2500 105 6.3 105 330 7.3 4.3 2.8 3900 9 0.10 207.9 6tpf330m9l 2500 105 6.3 105 470 7.3 4.3 3.8 d4 4400 10 0.10 296.1 6tpf470mah 2000 10 105 10.0 105 150 7.3 4.3 2.8 d3l 3600 15 0.10 150.0 10tpf150ml 2500 ? 1 ripple current (100 khz/ +45 c ), ? 2 esr (100 khz/+20 c) ? 3 tan d (120 hz/+20 c) ? 4 after 5 minutes please refer to each page in this catarog for reflow conditions and taping specifications. nov. 2015 01


▲Up To Search▲   

 
Price & Availability of 2R5TPF680ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X